Part Number Hot Search : 
IC16F6 2SD18 2SB17 2SB828 SF205 UCN5842 AM6922NH 0176FN
Product Description
Full Text Search
 

To Download NRWA470M63V5X11TBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  131 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial leads, polarized, standard size, extended temperature features ? reduced case sizing ? -55c ~ +105c operating temperature ? high stability over long life nrwa series nrwa nrws (today?s standard) (reduced sizes) characteristics ex tend ed tem per a ture rated voltage range 6.3 ~ 100vdc capacitance range 0.47 ~ 10,000 f operating temperature range -55c ~ +105c capacitance tolerance 20% (m) maximum leakage current @ +20c after 1 min. 0.03cv or 4 a whichever is greater after 2 min. 0.01cv or 3 a whichever is greater max. tan at 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 63 100 s.v. (vdc) 8 13 20 32 44 63 79 125 c < 1,000 f 0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.08 c = 2,200 f 0.24 0.21 0.18 0.16 0.14 0.12 - - c = 3,300 f 0.26 0.23 0.20 0.18 0.16 - - - c = 4,700 f 0.28 0.25 0.22 0.20 - - - - c = 6,800 f 0.32 0.29 0.26 - - - - - c = 10,000 f 0.40 0.37 - - - - - - low temperature stability impedance ratio @ 120hz z-25c/z+20c 4 3 2 2 2 2 2 2 z-40c/z+20c 8 6 4 3 3 3 3 3 load life test at rated w.v +105c 1,000 hours: 5~12.5 2,000 hours: 16 capacitance within 20% of initial measured value tan less than 200% of speci ed value lc less than speci ed value shelf life test +105c 1,000 hours no load capacitance within 20% of initial measured value tan less than 200% of speci ed value lc less than speci ed value cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 63 100 0.47 r47 - - - - - 5x11 - 5x11 1.0 1r0 - - - - - 5x11 - 5x11 2.2 2r2 - - - - - 5x11 - 5x11 3.3 3r3 - - - - - 5x11 5x11 5x11 4.7 4r7 - - - 5x11 5x11 5x11 5x11 5x11 10 100 - - 5x11 5x11 5x11 5x11 5x11 6.3x11 22 220 - 5x11 5x11 5x11 5x11 5x11 6.3x11 8x11.5 33 330 5x11 5x11 5x11 5x11 5x11 6.3x11 6.3x11 10x12.5 47 470 5x11 5x11 5x11 5x11 6.3x11 6.3x11 8x11.5 10x16 100 101 5x11 5x11 6.3x11 6.3x11 8x11.5 8x11.5 10x12.5 12.5x20 220 221 - 6.3x11 8x11.5 8x11.5 10x12.5 10x16 10x20 16x25 330 331 6.3x11 - 8x11.5 10x12.5 10x16 10x20 12.5x20 16x25 470 471 8x11.5 8x11.5 10x12.5 10x16 10x20 12.5x20 12.5x25 16x31.5 1,000 102 10x12.5 10x16 10x20 12.5x20 12.5x25 16x25 16x31.5 - 2,200 222 12.5x20 12.5x20 12.5x25 16x25 16x31 18x35.5 - - 3,300 332 12.5x20 12.5x25 16x25 16x31 18x35.5 - - - 4,700 472 16x25 16x25 16x31.5 18x35.5 - - - - 6,800 682 16x25 16x31 18x35.5 - - - - - 10,000 103 16x31 18x36 - - - - - - lead spacing and diameter (mm) = l < 20mm = 1.5mm, l > 20mm = 2.0mm case dia. (d ) 5 6.3 8 10 12.5 16 18 lead dia. (d ) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 7.5 7.5 dim. 0.5 0.5 0.5 0.5 0.5 0.5 0.5 standard product and case size table d x l (mm) *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. dimensions (mm) d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking - +
132 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nrwa series part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz max. esr ( ) +20c/120hz load life hours @+105c nrwa330m6.3v5x11f 33 6.3 0.22 47 11.1 1,000 nrwa470m6.3v5x11f 47 0.22 57 7.8 1,000 nrwa101m6.3v5x11f 100 0.22 82 3.7 1,000 nrwa331m6.3v6.3x11f 330 0.22 170 1.11 1,000 nrwa471m6.3v8x11.5f 470 0.22 230 0.78 1,000 nrwa102m6.3v10x12.5f 1,000 0.22 400 0.36 1,000 nrwa222m6.3v12.5x20f 2,200 0.24 760 0.181 1,000 nrwa332m6.3v12.5x20f 3,300 0.26 890 0.131 1,000 nrwa472m6.3v16x25f 4,700 0.28 1230 0.099 2,000 nrwa682m6.3v16x25f 6,800 0.32 1340 0.078 2,000 nrwa103m6.3v16x31f 10,000 0.40 1610 0.063 2,000 nrwa220m10v5x11f 22 10 0.19 42 14.3 1,000 nrwa330m10v5x11f 33 0.19 51 9.6 1,000 nrwa470m10v5x11f 47 0.19 61 6.7 1,000 nrwa101m10v5x11f 100 0.19 89 3.2 1,000 nrwa221m10v6.3x11f 220 0.19 150 1.43 1,000 nrwa471m10v8x11.5f 470 0.19 250 0.67 1,000 nrwa102m10v10x16f 1,000 0.19 470 0.32 1,000 nrwa222m10v12.5x20f 2,200 0.21 790 0.158 1,000 nrwa332m10v12.5x25f 3,300 0.23 1000 0.166 1,000 nrwa472m10v16x25f 4,700 0.25 1270 0.088 2,000 nrwa682m10v16x31f 6,800 0.29 1540 0.071 2,000 nrwa103m10v18x36f 10,000 0.37 1770 0.058 2,000 nrwa100m16v5x11f 10 16 0.16 31 26.5 1,000 nrwa220m16v5x11f 22 0.16 45 12.1 1,000 nrwa330m16v5x11f 33 0.16 55 8.0 1,000 nrwa470m16v5x11f 47 0.16 68 5.8 1,000 nrwa101m16v6.3x11f 100 0.16 110 2.7 1,000 nrwa221m16v8x11.5f 220 0.16 190 1.21 1,000 nrwa331m16v8x11.5f 330 0.16 230 0.80 1,000 nrwa471m16v10x12.5f 470 0.16 320 0.66 1,000 nrwa102m16v10x20f 1,000 0.16 560 0.27 1,000 nrwa222m16v12.5x25f 2,200 0.18 950 0.136 1,000 nrwa332m16v16x25f 3,300 0.20 1220 0.101 2,000 nrwa472m16v16x31.5f 4,700 0.22 1490 0.078 2,000 nrwa682m16v18x35.5f 6,800 0.26 1770 0.063 2,000 nrwa4r7m25v5x11f 4.7 25 0.14 22 49 1,000 nrwa100m25v5x11f 10 0.14 33 23 1,000 nrwa220m25v5x11f 22 0.14 49 10.8 1,000 nrwa330m25v5x11f 33 0.14 59 7.0 1,000 nrwa470m25v5x11f 47 0.14 71 4.9 1,000 nrwa101m25v6.3x11f 100 0.14 120 2.3 1,000 nrwa221m25v8x11.5f 220 0.14 200 1.1 1,000 nrwa331m25v10x12.5f 330 0.14 290 0.70 1,000 nrwa471m25v10x16f 470 0.14 380 0.49 1,000 nrwa102m25v12.5x20f 1,000 0.14 670 0.23 1,000 nrwa222m25v16x25f 2,200 0.16 1110 0.121 2,000 nrwa332m25v16x31f 3,300 0.18 1380 0.090 2,000 nrwa472m25v18x35.5f 4,700 0.20 1670 0.071 2,000 nrwa4r7m35v5x11f 4.7 35 0.12 24 42 1,000 nrwa100m35v5x11f 10 0.12 35 19.9 1,000 nrwa220m35v5x11f 22 0.12 52 9.0 1,000 nrwa330m35v5x11f 33 0.12 64 6.0 1,000 nrwa470m35v6.3x11f 47 0.12 87 4.2 1,000 nrwa101m35v8x11.5f 100 0.12 150 2.0 1,000 nrwa221m35v10x12.5f 220 0.12 260 0.90 1,000 nrwa331m35v10x16f 330 0.12 350 0.60 1,000 nrwa471m35v10x20f 470 0.12 450 0.42 1,000 nrwa102m35v12.5x25f 1,000 0.12 780 0.20 1,000 nrwa222m35v16x31f 2,200 0.14 1280 0.106 2,000 nrwa332m35v18x35.5f 3,300 0.16 1570 0.081 2,000 standard values, specifications and case sizes (mm)
133 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ripple current correction factor 1. temperature factor 2. frequency factor size (d ? x l) tape and box* nrwa 221 m 50v 10x16 series tb capacitance code tolerance code rated voltage rohs compliant f part numbering system *see tape speci cation for details frequency (hz) 50 120 300 1k 10k 100k 0.47 ~ 3.3 f 0.65 1.00 1.35 1.75 2.30 2.50 4.7 ~ 33 f 0.75 1.00 1.25 1.50 1.75 1.80 47 ~ 1000 f 0.80 1.00 1.15 1.30 1.40 1.50 2200 ~ 10000 f 0.85 1.00 1.03 1.05 1.08 1.08 ambient temperature (c) <+65 +75 +85 +105 correction factor 0.45 0.75 0.9 1.0 part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz max. esr ( ) +20c/120hz load life hours @+105c nrwar47m50v5x11f 0.47 50 0.10 8.3 353 1,000 nrwa1r0m50v5x11f 1.0 0.10 12 168 1,000 nrwa2r2m50v5x11f 2.2 0.10 18 75 1,000 nrwa3r3m50v5x11f 3.3 0.10 22 50 1,000 nrwa4r7m50v5x11f 4.7 0.10 26 35 1,000 nrwa100m50v5x11f 10 0.10 38 16.6 1,000 nrwa220m50v5x11f 22 0.10 57 7.5 1,000 nrwa330m50v6.3x11f 33 0.10 80 5.0 1,000 nrwa470m50v6.3x11f 47 0.10 96 3.5 1,000 nrwa101m50v8x11.5f 100 0.10 160 1.66 1,000 nrwa221m50v10x16f 220 0.10 310 0.75 1,000 nrwa331m50v10x20f 330 0.10 410 0.50 1,000 nrwa471m50v12.5x20f 470 0.10 540 0.35 1,000 nrwa102m50v16x25f 1,000 0.10 950 0.166 2,000 nrwa222m50v18x36f 2,200 0.12 1480 0.091 2,000 nrwa3r3m63v5x11f 3.3 63 0.09 23 40 1,000 nrwa4r7m63v5x11f 4.7 0.09 28 32 1,000 nrwa100m63v5x11f 10 0.09 41 15.0 1,000 nrwa220m63v6.3x11f 22 0.09 69 6.8 1,000 nrwa330m63v6.3x11f 33 0.09 85 4.5 1,000 nrwa470m63v8x11.5f 47 0.09 120 3.2 1,000 nrwa101m63v10x12.5f 100 0.09 200 1.49 1,000 nrwa221m63v10x20f 220 0.09 350 0.68 1,000 nrwa331m63v12.5x20f 330 0.09 480 0.45 1,000 nrwa471m63v12.5x25f 470 0.09 620 0.32 1,000 nrwa102m63v16x31.5f 1,000 0.09 1080 0.149 2,000 nrwar47m100v5x11f 0.47 100 0.08 8.8 282 1,000 nrwa1r0m100v5x11f 1.0 0.08 13 133 1,000 nrwa2r2m100v5x11f 2.2 0.08 19 60 1,000 nrwa3r3m100v5x11f 3.3 0.08 23 40 1,000 nrwa4r7m100v5x11f 4.7 0.08 30 28 1,000 nrwa100m100v6.3x11f 10 0.08 49 13.3 1,000 nrwa220m100v8x11.5f 22 0.08 84 6.0 1,000 nrwa330m100v10x12.5f 33 0.08 120 4.0 1,000 nrwa470m100v10x16f 47 0.08 160 2.8 1,000 nrwa101m100v12.5x20f 100 0.08 280 1.33 1,000 nrwa221m100v16x25f 220 0.08 500 0.60 2,000 nrwa331m100v16x25f 330 0.08 610 0.40 2,000 nrwa471m100v16x31.5f 470 0.08 780 0.28 2,000 miniature aluminum electrolytic capacitors nrwa series precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com standard values, specifications and case sizes (mm)
198 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors taping speci cations taping dimensions (mm) taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?bn? standard radial taping (5mm lead spacing, formed leads) tb case dia. (d) 10 12.5 case size all all dim. d ?.05 0.6 0.6 h ?.75 19.0 19.0 f +0.8 ~ -0.2 5.0 5.0 p ?.0 25.4* p 0 12.7 ?.2 p 1 3.85 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) *optional taping speci cations 10mm diameter available with p dim. = 12.7mm (p/n suf x: tb12.7mmp) 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 5.0 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 3.85 ?.5 (at end of tape) p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) standard radial taping (5mm lead spacing, straight leads) tb p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h h 0 1max t h 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h
199 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com taping dimensions (mm) special straight lead taping tbst special radial taping (2.5mm lead spacing, formed leads) tbf1 case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 2.0* 2.0 2.0 2.5 2.5 3.5 p ?.0 12.7 ?.2 p 0 12.7 ?.2 p 1 5.1 5.1 5.1 5.1 5.1 4.6 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) * parts with 4mm diameter are taped with a slight are in the lead and a 2.0mm lead-space. miniature aluminum electrolytic capacitors taping speci cations case dia. (d) 45 case size 4x5 4x7 5x5 5x7 5x11 dim. d ?.05 0.45 0.45 0.5 h ?.75 17.5 17.5 18.5 h 0 ?.5 16.0 - - f 2.5 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 5.1 ?.5 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 1.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 t 0.7 ?.2 taping dimensions (mm) 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h 1max t h h 0
200 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial taped packaging taping speci cations ammo box (tape & box) tb, tbf1, tbst size of box and component quantity *special taping consult factory for availability ammo box dimensions (mm) scored corner l h w label - case dia (d ) or case size q'ty per box (pcs) dim. l dim. h dim. w 4x5, 4x7 2,000 331 175 43 5x5, 5x7 2,000 331 220 43 5x11 2,000 340 255 55 6.3x5, 6.3x7 2,000 331 280 43 6.3x11 2,000 331 280 48 8x11.5, 8x12.5 1,000 335 235 53 10x12.5* 500 335 190 53 10x16* 500 335 300 53 10x20* 500 335 300 55 12.x20* 500 335 300 55 12.5x25* 500 335 300 61


▲Up To Search▲   

 
Price & Availability of NRWA470M63V5X11TBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X